PART |
Description |
Maker |
AS7C1024L-55PC AS7C1024L-55TC AS7C1024L-55JC AS7C1 |
x8 SRAM x8SRAM x8 SRAM x8的SRAM
|
Microchip Technology, Inc.
|
HM628128LP-7 HM628128LP-7SL HM628128LT-8SL HM62812 |
x8 SRAM x8的SRAM Non-reflective terminators (with SMA connectors); HRS No: 353-0017-3 50 x8SRAM
|
Everlight Electronics Co., Ltd.
|
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1372CV25-167AI CY7C1372CV25-167BGI CY7C1372CV2 |
512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 3 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 3 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 3 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 2.8 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 2.8 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3.4 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3.4 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 12k × 36/1M × 18流水线的SRAM架构的总线延迟 CAP,Ceramic,10000pF,500VDC,10-% Tol,10% Tol,X7R-TC Code,-15,15%-TC,30ppm-TC RoHS Compliant: Yes 512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
EDI8L24129V-BC EDI8L24129V12BI EDI8L24129V EDI8L24 |
10ns; 3.3V power supply; 128K x 24 SRAM SRAM MCP SDR Connector; No. of Contacts:26; Pitch Spacing:0.8mm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 128K X 24 SRAM 3.3 VOLT 128K的X 24 SRAM.3 15ns; 3.3V power supply; 128K x 24 SRAM
|
Electronic Theatre Controls, Inc. White Electronic Designs
|
R1RW0404DGE-2PR R1RW0404D R1RW0404DGE-2LR REJ03C01 |
Memory>Fast SRAM>Asynchronous SRAM 4M HIGH SPEED SRAM (1-MWORD X 4-BIT)
|
RENESAS[Renesas Electronics Corporation]
|
HM62W8511HCLJP-12 HM62W8511HC HM62W8511HCJP-10 HM6 |
Memory>Fast SRAM>Asynchronous SRAM 4M High Speed SRAM (512-kword x 8-bit) BOX 5.0X1.85X1.0 W/CLP BLK
|
RENESAS[Renesas Electronics Corporation] Renesas Electronics Corporation.
|
AS7C33128PFD32_36B AS7C33128PFD36B-200TQIN AS7C331 |
Sync SRAM - 3.3V LM397 Single General Purpose Voltage Comparator; Package: SOT-23; No of Pins: 5; Qty per Container: 1000; Container: Reel 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 4 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 4 ns, PQFP100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 3.3 128K的X 32/36管道爆裂同步SRAM
|
Alliance Semiconductor Corp... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc.
|
AS7C3256A-8 AS7C3256A-8TCN AS7C3256A-8JC AS7C3256A |
SRAM - 3.3V Fast Asynchronous 3.3V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 8 ns, PDSO28 Dual 4-Input Positive-AND Gate 14-SSOP -40 to 85 32K X 8 STANDARD SRAM, 8 ns, PDSO28
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
WS512K32-70 WS512K32-85 WS512K32-100 WS512K32F-85H |
85ns; 5V power supply; 512K x 32 SRAM module, SMD 5962-94611 512Kx32 SRAM Module(512Kx32???RAM妯″?锛???????0ns锛? 512Kx32 SRAM Module(512Kx32???RAM妯″?锛???????00ns锛? 512Kx32 SRAM Module(512Kx32静态RAM模块(存取时5ns 512Kx32 SRAM Module(512Kx32静态RAM模块(存取时0ns
|
White Electronic Designs Corporation
|
|